| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3661 Fiches technique(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 Fiches technique(HTML) 28 Page - ams AG |
|
28 / 87 page ![]() www.austriamicrosystems.com Revision 1.3 27 - 85 AS3661 Datasheet - D e t a i l e d D e s c r i p t i o n 08 LED3 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED3 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED3 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED3 output 09 LED4 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED4 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED4 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED4 output 0A LED5 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED5 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED5 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED5 output 0B LED6 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED6 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED6 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED6 output 0C LED7 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED7 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED7 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED7 output 0D LED8 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED8 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED8 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED8 output 0E LED9 CONTROL [7:6] R/W 00xxxxxx MAPPING Mapping for LED9 output [5] xx0xxxxx LOG_EN Logarithmic dimming control for LED9 output [4:0] xxx00000 TEMP COMP Temperature compensation control for LED9 output 0F to 15 [7:0] reserved 16 LED1 PWM [7:0] R/W 00000000 PWM duty cycle control for LED1 17 LED2 PWM [7:0] R/W 00000000 PWM duty cycle control for LED2 18 LED3 PWM [7:0] R/W 00000000 PWM duty cycle control for LED3 Table 7. Description of Registers Hex Address Register Name Bit(s) Type Default Value After Reset Description |