Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3661 Fiches technique(PDF) 34 Page - ams AG

No de pièce AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Fiches technique(HTML) 34 Page - ams AG

Back Button AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
33 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
71
ENG1 MAPPING
LSB
[7]
R
0xxxxxxx
LED8
Engine 1 mapping information, LED8 output
[6]
x0xxxxxx
LED7
Engine 1 mapping information, LED7 output
[5]
xx0xxxxx
LED6
Engine 1 mapping information, LED6 output
[4]
xxx0xxxx
LED5
Engine 1 mapping information, LED5 output
[3]
xxxx0xxx
LED4
Engine 1 mapping information, LED4 output
[2]
xxxxx0xx
LED3
Engine 1 mapping information, LED3 output
[1]
xxxxxx0x
LED2
Engine 1 mapping information, LED2 output
[0]
xxxxxxx0
LED1
Engine 1 mapping information, LED1 output
72
ENG2 MAPPING
MSB
[7]
R
0xxxxxxx
GPO
Engine 2 mapping information, GPO pin
[0]
xxxxxxx0
LED9
Engine 2 mapping information, D9 output
73
ENG2 MAPPING
LSB
[7]
R
0xxxxxxx
LED8
Engine 2 mapping information, LED8 output
[6]
x0xxxxxx
LED7
Engine 2 mapping information, LED7 output
[5]
xx0xxxxx
LED6
Engine 2 mapping information, LED6 output
[4]
xxx0xxxx
LED5
Engine 2 mapping information, LED5 output
[3]
xxxx0xxx
LED4
Engine 2 mapping information, LED4 output
[2]
xxxxx0xx
LED3
Engine 2 mapping information, LED3 output
[1]
xxxxxx0x
LED2
Engine 2 mapping information, LED2 output
[0]
xxxxxxx0
LED1
Engine 2 mapping information, LED1 output
74
ENG3 MAPPING
MSB
[7]
R
0xxxxxxx
GPO
Engine 3 mapping information, GPO pin
[0]
xxxxxxx0
LED9
Engine 3 mapping information, LED9 output
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87