Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3661 Fiches technique(PDF) 27 Page - ams AG

No de pièce AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Fiches technique(HTML) 27 Page - ams AG

Back Button AS3661 Datasheet HTML 23Page - ams AG AS3661 Datasheet HTML 24Page - ams AG AS3661 Datasheet HTML 25Page - ams AG AS3661 Datasheet HTML 26Page - ams AG AS3661 Datasheet HTML 27Page - ams AG AS3661 Datasheet HTML 28Page - ams AG AS3661 Datasheet HTML 29Page - ams AG AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
26 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
03
OUTPUT DIRECT/
RATIOMETRIC LSB
[7]
R/W
0xxxxxxx
LED8_RATIO_EN
Enables ratiometric dimming for LED8 output
[6]
x0xxxxxx
LED7_RATIO_EN
Enables ratiometric dimming for LED7 output
[5]
xx0xxxxx
LED6_RATIO_EN
Enables ratiometric dimming for LED6 output
[4]
xxx0xxxx
LED5_RATIO_EN
Enables ratiometric dimming for LED5 output
[3]
xxxx0xxx
LED4_RATIO_EN
Enables ratiometric dimming for LED4 output
[2]
xxxxx0xx
LED3_RATIO_EN
Enables ratiometric dimming for LED3 output
[1]
xxxxxx0x
LED2_RATIO_EN
Enables ratiometric dimming for LED2 output
[0]
xxxxxxx0
LED1_RATIO_EN
Enables ratiometric dimming for LED1 output
04
OUTPUT ON/OFF
CONTROL MSB
[0]
R/W
xxxxxxx1
LED9_ON
ON/OFF Control for LED9 output
05
OUTPUT ON / OFF
CONTROL LSB
[7]
R/W
1xxxxxxx
LED8_ON
ON/OFF Control for LED8 output
[6]
x1xxxxxx
LED7_ON
ON/OFF Control for LED7 output
[5]
xx1xxxxx
LED6_ON
ON/OFF Control for LED6 output
[4]
xxx1xxxx
LED5_ON
ON/OFF Control for LED5 output
[3]
xxxx1xxx
LED4_ON
ON/OFF Control for LED4 output
[2]
xxxxx1xx
LED3_ON
ON/OFF Control for LED3 output
[1]
xxxxxx1x
LED2_ON
ON/OFF Control for LED2 output
[0]
xxxxxxx1
LED1_ON
ON/OFF Control for LED1 output
06
LED1 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING Mapping for LED1 output
[5]
xx0xxxxx
LOG_EN
Logarithmic dimming control for LED1
[4:0]
xxx00000
TEMP COMP
Temperature compensation control for LED1
output
07
LED2 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING Mapping for LED2 output
[5]
xx0xxxxx
LOG_EN
Logarithmic dimming control for LED2 output
[4:0]
xxx00000
TEMP COMP
Temperature compensation control for LED2
output
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87