Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3661 Fiches technique(PDF) 85 Page - ams AG

No de pièce AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Fiches technique(HTML) 85 Page - ams AG

Back Button AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG AS3661 Datasheet HTML 83Page - ams AG AS3661 Datasheet HTML 84Page - ams AG AS3661 Datasheet HTML 85Page - ams AG AS3661 Datasheet HTML 86Page - ams AG AS3661 Datasheet HTML 87Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
84 - 85
AS3661
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 96.
Note: All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 96. Ordering Information
Ordering Code
Marking
Desciption
Delivery Form
Package
AS3661-BWLT
AS3661
Programmable 9-channel LED Driver
Tape and Reel
WL-CSP-25
(2.285x2.285mm)
0.4mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87