Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 116 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 116 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 112Page - STMicroelectronics STA321 Datasheet HTML 113Page - STMicroelectronics STA321 Datasheet HTML 114Page - STMicroelectronics STA321 Datasheet HTML 115Page - STMicroelectronics STA321 Datasheet HTML 116Page - STMicroelectronics STA321 Datasheet HTML 117Page - STMicroelectronics STA321 Datasheet HTML 118Page - STMicroelectronics STA321 Datasheet HTML 119Page - STMicroelectronics STA321 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 157 page
background image
Register description
STA321
116/157
Doc ID 15351 Rev 3
SATCH0CFG1
Address:
0x90
Type:
RW
Reset:
0xFF
Description:
SATCH0CFG2
Address:
0x91
Type:
RW
Reset:
0xFF
Description:
SATCH0CFG3
Address:
0x92
Type:
RW
Reset:
0xFF
Description:
76
54
32
10
SAT_EQ
SAT_CH0[22:16]
[7] SAT_EQ
0: saturation value of every channel is independent
1: all the channels take the saturation value of channel 0
[6:0] SAT_CH0[22:16]
MSBs of the absolute saturation value for channel 0.
If the signal is above SAT_CH0[22:0] then it is truncated
76
54
32
10
SAT_CH0[15:8]
[7:0] SAT_CH0[15:8]
Middle bits of the saturation value for channel 0
If the signal is above SAT_CH0[22:0] then it is truncated
76
54
32
10
SAT_CH0[7:0]
[7:0] SAT_CH0[7:0]
LSBs of the saturation value for channel 0
If the signal is above SAT_CH0[22:0] then it is truncated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More