Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 26 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 26 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 22Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 23Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 24Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 25Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 26Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 27Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 28Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 29Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9838
Rev. A | Page 26 of 32
EVALUATION BOARD
The AD9838 evaluation board allows designers to evaluate the
high performance AD9838 DDS modulator with a minimum
of effort.
SYSTEM DEMONSTRATION PLATFORM
The system demonstration platform (SDP) is a hardware and
software evaluation tool for use in conjunction with product
evaluation boards. The SDP board is based on the Blackfin®
ADSP-BF527 processor with USB connectivity to the PC
through a USB 2.0 high speed port. For more information,
see the SDP board product page.
Note that the SDP board is sold separately from the AD9838
evaluation board.
AD9838 TO SPORT INTERFACE
The Analog Devices SDP board has a SPORT serial port that is
used to control the serial inputs to the AD9838. The connections
are shown in Figure 31.
AD9838
FSYNC
SCLK
SDATA
ADSP-BF527
SPORT_TFS
SPORT_TSCLK
SPORT_DT0
Figure 31. SDP to AD9838 Interface
EVALUATION KIT
The DDS evaluation kit includes a populated, tested AD9838
printed circuit board (PCB). The schematics of the evaluation
board are shown in Figure 33 and Figure 34.
The software provided in the evaluation kit allows the user to
easily program the AD9838 (see Figure 32). The evaluation soft-
ware runs on any IBM-compatible PC with Microsoft® Windows®
software installed (including Windows 7). The software is com-
patible with both 32-bit and 64-bit operating systems.
More information about the evaluation software is available on
the software CD and on the AD9838 product page.
Figure 32. AD9838 Evaluation Software Interface
CRYSTAL OSCILLATOR VS. EXTERNAL CLOCK
The AD9838 can operate with master clocks up to 16 MHz.
A 16 MHz oscillator is included on the evaluation board. This
oscillator can be removed and, if required, an external CMOS
clock can be connected to the part. Options for the general
oscillator include the following:
•
AEL 301-Series oscillators, AEL Crystals
•
SG-310SCN oscillators, Epson Electronics
POWER SUPPLY
Power to the AD9838 evaluation board can be provided from
the USB connector or externally through pin connections. The
power leads should be twisted to reduce ground loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com