Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 4 Page - Analog Devices

  EVAL-AD9838SDZ Datasheet HTML 1Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 2Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 3Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 4Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9838
Rev. A | Page 4 of 32
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
1.7
V
2.3 V to 2.7 V power supply
2.0
V
2.7 V to 3.6 V power supply
2.8
V
4.5 V to 5.5 V power supply
Input Low Voltage, VINL
0.6
V
2.3 V to 2.7 V power supply
0.7
V
2.7 V to 3.6 V power supply
0.8
V
4.5 V to 5.5 V power supply
Input Current, IINH/IINL
10
μA
Input Capacitance, CIN
3
pF
POWER SUPPLIES
AVDD
2.3
5.5
V
fMCLK = 16 MHz, fOUT = fMCLK/4096
DVDD
2.3
5.5
V
IAA5
3.7
5
mA
IDD5
IDD code dependent; see Figure 7
A Grade
0.9
2
mA
B Grade
1.2
2.4
mA
IAA + IDD5
See Figure 6
A Grade
4.6
7
mA
B Grade
4.9
7.4
mA
Low Power Sleep Mode
DAC powered down; see Table 17
A Grade
0.4
mA
B Grade
0.4
mA
1 Operating temperature range is −40°C to +125°C; typical specifications are at 25°C.
2 For compliance with the specified load of 200 Ω, IOUT full scale should not exceed 4 mA.
3 Guaranteed by design.
4 Applies when REFOUT is sourcing current. The impedance is higher when REFOUT is sinking current.
5 Measured with the digital inputs static and equal to 0 V or DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com