Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 9Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 10Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 11Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 12Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9838
Rev. A | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
5.5
5.0
4.5
4.0
3.5
3.0
02
4
6
8
10
12
14
16
18
MCLK FREQUENCY (MHz)
VDD = 5V
VDD = 3V
Figure 6. Typical Current Consumption (IDD + IAA) vs. MCLK Frequency
for fOUT = MCLK/10
2.5
2.0
1.5
1.0
0.5
0
0
246
8
10
12
14
16
18
MCLK FREQUENCY (MHz)
VDD = 5V
VDD = 3V
Figure 7. Typical Current Consumption (IDD) vs. MCLK Frequency
for fOUT = MCLK/10
–91
–92
–93
–94
–95
–96
–97
–98
–99
02
4
68
10
12
14
16
MCLK FREQUENCY (MHz)
AVDD = DVDD = 3V
TA = 25°C
±200kHz
MCLK/50
MCLK/7
Figure 8. Narrow-Band SFDR vs. MCLK Frequency
–40
–45
–50
–55
–60
–65
–70
–75
–80
16
11
MCLK FREQUENCY (MHz)
16
MCLK/50
MCLK/7
AVDD = DVDD = 3V
TA = 25°C
0Hz TO NYQUIST
Figure 9. Wideband SFDR vs. MCLK Frequency
–40
–45
–50
–55
–60
–65
–70
0
246
8
10
12
14
16
18
MCLK FREQUENCY (MHz)
Figure 10. SNR vs. MCLK Frequency
1000
900
800
700
600
500
400
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 2.3V
VDD = 5.5V
Figure 11. Wake-Up Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com