Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 5 Page - Analog Devices

  EVAL-AD9838SDZ Datasheet HTML 1Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 2Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 3Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 4Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9838
Rev. A | Page 5 of 32
TIMING CHARACTERISTICS
DVDD = 2.3 V to 5.5 V, AGND = DGND = 0 V, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN to TMAX
Unit
Description
t1
200/62.5
ns min
MCLK period (5 MHz/16 MHz)
t2
80/26
ns min
MCLK high duration (5 MHz/16 MHz)
t3
80/26
ns min
MCLK low duration (5 MHz/16 MHz)
t4
25
ns min
SCLK period
t5
10
ns min
SCLK high duration
t6
10
ns min
SCLK low duration
t7
5
ns min
FSYNC to SCLK falling edge setup time
t8
10
ns min
SCLK falling edge to FSYNC rising edge time
t4 − 5
ns max
t9
5
ns min
Data setup time
t10
3
ns min
Data hold time
t11
8
ns min
FSELECT, PSELECT setup time before MCLK rising edge
t11A
8
ns min
FSELECT, PSELECT setup time after MCLK rising edge
t12
5
ns min
SCLK high to FSYNC falling edge setup time
1 Guaranteed by design; not production tested.
Timing Diagrams
MCLK
t1
t3
t2
Figure 2. Master Clock
FSELECT,
PSELECT
VALID DATA
VALID DATA
VALID DATA
MCLK
t11A
t11
Figure 3. Control Timing
D0
SCLK
FSYNC
SDATA
D15
D14
D2
D1
D15
D14
t12
t7
t6
t8
t5
t4
t9
t10
Figure 4. Serial Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com