Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 17 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 17 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 13Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 14Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 15Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 16Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 17Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 18Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 19Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 20Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9838
Rev. A | Page 17 of 32
FUNCTIONAL DESCRIPTION
SERIAL INTERFACE
The AD9838 has a standard 3-wire serial interface that is
compatible with the SPI, QSPI™, MICROWIRE®, and DSP
interface standards.
Data is loaded into the device as a 16-bit word under the control
of a serial clock input, SCLK. The timing diagram for this oper-
ation is given in Figure 4.
FSYNC is a level triggered input that acts as a frame synchroni-
zation and chip enable input. Data can be transferred into the
device only when FSYNC is low. To start the serial data transfer,
FSYNC should be taken low, observing the minimum FSYNC
to SCLK falling edge setup time, t7 (see Table 2). After FSYNC
goes low, serial data is shifted into the input shift register of the
device on the falling edges of SCLK for 16 clock pulses. FSYNC
can be taken high after the 16th falling edge of SCLK, observing
the minimum SCLK falling edge to FSYNC rising edge time, t8.
Alternatively, FSYNC can be kept low for a multiple of 16 SCLK
pulses and then brought high at the end of the data transfer. In
this way, a continuous stream of 16-bit words can be loaded
while FSYNC is held low; FSYNC goes high only after the 16th
SCLK falling edge of the last word loaded.
The SCLK can be continuous, or it can idle high or low between
write operations. In either case, it must be high when FSYNC
goes low (t12).
For an example of how to program the AD9838, see the AN-1070
Application Note on the Analog Devices, Inc., website. The
AD9838 has the same register settings as the AD9833/AD9834.
LATENCY PERIOD
A latency period is associated with each operation. When the
FSELECT and PSELECT pins change value, there is a pipeline
delay before control is transferred to the selected register.
When the t11 and t11A timing specifications are met (see Figure 3),
FSELECT and PSELECT have latencies of eight MCLK cycles.
When the t11 and t11A timing specifications are not met, the latency
is increased by one MCLK cycle.
Similarly, a latency period is associated with each asynchronous
write operation. If a selected frequency or phase register is
loaded with a new word, there is a delay of eight or nine MCLK
cycles before the analog output changes. The delay can be eight
or nine MCLK cycles, depending on the position of the MCLK
rising edge when the data is loaded into the destination register.
The negative transitions of the RESET and SLEEP pins are
sampled on the internal falling edge of MCLK. Therefore, they
also have a latency period associated with them.
CONTROL REGISTER
The AD9838 contains a 16-bit control register that allows the
user to configure the operation of the AD9838. All control bits
other than the MODE bit are sampled on the internal falling
edge of MCLK.
Figure 22 illustrates the functions of the control bits. Table 7
describes the individual bits of the control register. The different
functions and the various output options of the AD9838 are
described in more detail in the following sections.
To inform the AD9838 that the contents of the control register
will be altered, Bit D15 and Bit D14 must be set to 0, as shown
in Table 6.
Table 6. Control Register Bits
D15
D14
D13 to D0
0
0
Control bits
MUX
SLEEP12
SLEEP1
RESET
OPBITEN
IOUTB
IOUT
COMPARATOR
VIN
SIGN/PIB
MUX
MSB
SIGN BIT OUT
0
1
MUX
1
0
0
1
DIGITAL
OUTPUT
(ENABLE)
(LOW POWER)
10-BIT DAC
DIVIDE
BY 2
SIN
ROM
MODE + OPBITEN
PHASE
ACCUMULATOR
(28-BIT)
D15
0
D14
0
D13
B28
D12
HLB
D11
FSEL
D10
PSEL
D9
PIN/SW
D8
RESET
D7
SLEEP1
D6
SLEEP12
D5
OPBITEN
D4
SIGN/PIB
D3
DIV2
D2
0
D1
MODE
D0
0
Figure 22. Function of Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com