Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 3 Page - Analog Devices

  EVAL-AD9838SDZ Datasheet HTML 1Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 2Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 3Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 4Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9838
Rev. A | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = 2.3 V to 5.5 V, AGND = DGND = 0 V, TA = TMIN to TMAX, RSET = 6.8 kΩ, RLOAD = 200 Ω for IOUT and IOUTB, unless
otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate
A Grade
5
MSPS
B Grade
16
MSPS
IOUT Full Scale2
3.0
mA
VOUT Maximum
0.6
V
VOUT Minimum
30
mV
Output Compliance3
0.8
V
DC Accuracy
Integral Nonlinearity (INL)
±1
LSB
Differential Nonlinearity (DNL)
±0.5
LSB
DDS SPECIFICATIONS
Dynamic Specifications
Signal-to-Noise Ratio (SNR)
A Grade
−63
dB
fMCLK = 5 MHz, fOUT = fMCLK/4096
B Grade
−64
dB
fMCLK = 16 MHz, fOUT = fMCLK/4096
Total Harmonic Distortion (THD)
A Grade
−64
dBc
fMCLK = 5 MHz, fOUT = fMCLK/4096
B Grade
−64
dBc
fMCLK = 16 MHz, fOUT = fMCLK/4096
Spurious-Free Dynamic Range (SFDR)
Wideband (0 to Nyquist)
A Grade
−68
dBc
fMCLK = 5 MHz, fOUT = fMCLK/50
B Grade
−66
dBc
fMCLK = 16 MHz, fOUT = fMCLK/50
Narrow-Band (±200 kHz)
A Grade
−97
dBc
fMCLK = 5 MHz, fOUT = fMCLK/50
B Grade
−92
dBc
fMCLK = 16 MHz, fOUT = fMCLK/50
Clock Feedthrough
A Grade
−68
dBc
fMCLK = 5 MHz, fOUT = reset
B Grade
−65
dBc
fMCLK = 16 MHz, fOUT = reset
Wake-Up Time
1
ms
COMPARATOR
Input Voltage Range
1
V p-p
AC-coupled internally
Input Capacitance
10
pF
Input High-Pass Cutoff Frequency
3
MHz
Input DC Resistance
5
MΩ
Input Leakage Current
10
μA
OUTPUT BUFFER
Output Rise/Fall Time
12
ns
Using a 15 pF load
Output Jitter
120
ps rms
3 MHz sine wave 0.6 V p-p
VOLTAGE REFERENCE
Internal Reference
1.11
1.18
1.24
V
REFOUT Output Impedance4
1
kΩ
Reference TC
100
ppm/°C
FSADJUST Voltage
1.14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com