Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 23 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 23 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 19Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 20Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 21Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 22Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 23Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 24Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 25Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 26Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9838
Rev. A | Page 23 of 32
NO
YES
DATA WRITE
NO
YES
YES
NO
YES
NO
NO
YES
YES
WRITE A FULL 28-BIT WORD
TO A FREQUENCY REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 1
WRITE TWO CONSECUTIVE
16-BIT WORDS
(SEE TABLE 12 FOR EXAMPLE)
WRITE ANOTHER FULL
28-BIT WORD TO A
FREQUENCY REGISTER?
WRITE 14 MSBs OR LSBs
TO A FREQUENCY REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 0
HLB (D12) = 0/1
WRITE A 16-BIT WORD
(SEE TABLE 13 AND TABLE 14
FOR EXAMPLES)
WRITE 14 MSBs OR LSBs
TO A
FREQUENCY REGISTER?
WRITE TO PHASE
REGISTER?
D15, D14 = 11
D13 = 0/1 (CHOOSE THE
PHASE REGISTER)
D12 = X
D11 ... D0 = PHASE DATA
(16-BIT WRITE)
WRITE TO ANOTHER
PHASE REGISTER?
Figure 26. Flowchart for Data Writes
SELECT DATA SOURCES
YES
NO
FSELECT AND PSELECT
PINS BEING USED?
(CONTROL REGISTER WRITE)
PIN/SW = 0
SET FSEL BIT
SET PSEL BIT
SET FSELECT AND
PSELECT PINS
(CONTROL REGISTER WRITE)
PIN/SW = 1
Figure 27. Flowchart for Selecting Data Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com