Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 22 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 22 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 18Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 19Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 20Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 21Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 22Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 23Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 24Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 25Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9838
Rev. A | Page 22 of 32
CHANGE PHASE?
CHANGE FREQUENCY?
NO
NO
NO
NO
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
DAC OUTPUT
VOUT = VREFOUT × 18 × RLOAD/RSET × (1 + (SIN(2π(FREQREG × fMCLK × t/228 + PHASEREG/212))))
INITIALIZATION
(SEE FIGURE 25)
SELECT DATA
SOURCES
(SEE FIGURE 27)
WAIT 8/9 MCLK
CYCLES
(SEE TIMING DIAGRAM
FIGURE 3)
CHANGE PSEL/
PSELECT?
CHANGE PHASE
REGISTER?
CHANGE DAC OUTPUT
FROM SIN TO TRIANGLE?
CHANGE OUTPUT AT
SIGN BIT OUT PIN?
CHANGE FSEL/
FSELECT?
CHANGE FREQUENCY
REGISTER?
CONTROL
REGISTER
WRITE
(SEE TABLE 7)
DATA WRITE
(SEE FIGURE 26)
Figure 24. Flowchart for AD9838 Initialization and Operation
INITIALIZATION
APPLY RESET
USING PIN
SET RESET PIN = 1
USING PINS
USING CONTROL
BIT
(CONTROL REGISTER WRITE)
RESET = 1
PIN/SW = 0
(CONTROL REGISTER WRITE)
PIN/SW = 1
USING CONTROL
BITS
SET RESET = 0
SELECT FREQUENCY REGISTERS
SELECT PHASE REGISTERS
(CONTROL REGISTER WRITE)
RESET BIT = 0
FSEL = SELECTED FREQUENCY REGISTER
PSEL = SELECTED PHASE REGISTER
PIN/SW = 0
(APPLY SIGNALS AT PINS)
RESET PIN = 0
FSELECT = SELECTED FREQUENCY REGISTER
PSELECT = SELECTED PHASE REGISTER
PIN/SW = 1
WRITE TO FREQUENCY AND PHASE REGISTERS
FREQ0 REG = fOUT0/fMCLK × 228
FREQ1 REG = fOUT1/fMCLK × 228
PHASE0 AND PHASE1 REG = (PHASESHIFT × 212)/2π
(SEE FIGURE 26)
Figure 25. Flowchart for Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com