Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9838SDZ Fiches technique(PDF) 14 Page - Analog Devices

No de pièce EVAL-AD9838SDZ
Description  11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9838SDZ Fiches technique(HTML) 14 Page - Analog Devices

Back Button EVAL-AD9838SDZ Datasheet HTML 10Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 11Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 12Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 13Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 14Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 15Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 16Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 17Page - Analog Devices EVAL-AD9838SDZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9838
Rev. A | Page 14 of 32
THEORY OF OPERATION
Sine waves are typically thought of in terms of their magnitude
form: a(t) = sin(ωt). However, sine waves are nonlinear and not
easy to generate except through piecewise construction. On the
other hand, the angular information is linear in nature; that is,
the phase angle rotates through a fixed angle for each unit of
time. The angular rate depends on the frequency of the signal
by the traditional rate of ω = 2πf.
MAGNITUDE
PHASE
+1
0
–1
228
0
2π
4π
6π
2π
4π
6π
Figure 20. Sine Wave
Knowing that the phase of a sine wave is linear and given a
reference interval (clock period), the phase rotation for that
period can be determined as follows:
ΔPhase = ω
Δt
(1)
Solving for ω,
ω =
ΔPhase/Δt = 2πf
(2)
Solving for f and substituting the reference clock frequency for
the reference period (1/fMCLK = Δt),
f =
ΔPhase × fMCLK∕2π
(3)
The AD9838 builds the output based on this simple equation. A
simple DDS chip can implement this equation with three major
subcircuits: numerically controlled oscillator (NCO) plus phase
modulator, SIN ROM, and digital-to-analog converter (DAC).
Each subcircuit is described in the Circuit Description section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com