Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 175 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 175 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 171Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 172Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 173Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 174Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 175Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 176Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 177Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 178Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 175
PIC32MX5XX/6XX/7XX
28.4
Programming and Diagnostics
PIC32MX5XX/6XX/7XX devices provide a complete
range of programming and diagnostic features that can
increase the flexibility of any application using them.
These features allow system designers to include:
• Simplified field programmability using two-wire
In-Circuit Serial Programming™ (ICSP™)
interfaces
• Debugging using ICSP
• Programming and debugging capabilities using
the EJTAG extension of JTAG
• JTAG boundary scan testing for device and board
diagnostics
PIC32 devices incorporate two programming and diag-
nostic modules, and a trace controller, that provide a
range of functions to the application developer.
FIGURE 28-3:
BLOCK DIAGRAM OF PROGRAMMING, DEBUGGING AND TRACE PORTS
TDI
TDO
TCK
TMS
JTAG
Controller
ICSP™
Controller
Core
JTAGEN
DEBUG<1:0>
Instruction Trace
Controller
DEBUG<1:0>
ICESEL
PGEC1
PGED1
PGEC2
PGED2
TRCLK
TRD0
TRD1
TRD2
TRD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More