Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 138 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 138 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 140Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 138
© 2009-2011 Microchip Technology Inc.
FIGURE 14-2:
TIMER2/3, 4/5 BLOCK DIAGRAM (32-BIT)(1)
TMRy
TMRx
TyIF Event
Equal
32-bit Comparator
PRy
PRx
Reset
LS Half Word
MS Half Word
Flag
Note 1: In this diagram, the use of ‘x’ in registers, TxCON, TMRx, PRx and TxCK, refers to either Timer2 or Timer4; the use
of ‘y’ in registers, TyCON, TMRy, PRy, TyIF, refers to either Timer3 or Timer5.
2: TxCK pins are not available on 64-pin devices.
3: ADC event trigger is available only on the Timer2/3 pair.
TGATE (TxCON<7>)
0
1
PBCLK
Gate
TxCK(2)
Sync
Sync
ADC Event
Trigger(3)
ON (TxCON<15>)
TGATE (TxCON<7>)
TCS (TxCON<1>)
TCKPS (TxCON<6:4>)
Prescaler
3
1, 2, 4, 8, 16,
32, 64, 256
1 0
0 0
Q
Q
D
x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More