| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 494 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 494 Page - Renesas Technology Corp |
|
494 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 442 of 1102 REJ09B0294-0100 9.2.1 Port 1 (1) P17/ IRQ7-A/TCLKD-B/SCL0 The pin function is switched as shown below according to the combination of the IIC2 register setting and P17DDR bit setting. Setting IIC2 I/O Port Module Name Pin Function SCL0_OE* P17DDR IIC2 SCL0 input/output 1 I/O port P17 output 0 1 P17 input (initial setting) 0 0 Note: * When pin functions as I/O: 1 (2) P16/ DACK1-A/IRQ6-A/TCLKC-B/SDA0 The pin function is switched as shown below according to the combination of the DMAC and IIC2 register setting and P16DDR bit setting. Setting DMAC IIC2 I/O Port Module Name Pin Function DACK1A_OE* SDA0_OE* P16DDR DMAC DACK1-A output 1 — IIC2 SDA0 input/output 0 1 I/O port P16 output 0 0 1 P16 input (initial setting) 0 0 0 Note: * When pin functions as I/O: 1 |