Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 86 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 86 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 82Page - ams-OSRAM AG AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG AS1163 Datasheet HTML 89Page - ams-OSRAM AG AS1163 Datasheet HTML 90Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
AS1163
Package drawings & markings
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
86 / 91
/
8
Package drawings & markings
Figure 34: AS1163 package outline drawing
Ref.
Min
Nom
Max
A
0.8
0.85
0.9
A1
0
0.035
0.05
A2
0.65
A3
0.203
b
0.2
0.25
0.3
D, E
3
e
0.5
J, K
1.7
1.8
1.9
L
0.3
0.35
0.4
L1
0.25
0.35
0.4
aaa,bbb
0.1
ccc
0.08
ddd,eee
0.1
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) N is the total number of terminals.
(4) This package contains no lead (Pb).
(5) This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91