Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 6 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 6 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 2Page - ams-OSRAM AG AS1163 Datasheet HTML 3Page - ams-OSRAM AG AS1163 Datasheet HTML 4Page - ams-OSRAM AG AS1163 Datasheet HTML 5Page - ams-OSRAM AG AS1163 Datasheet HTML 6Page - ams-OSRAM AG AS1163 Datasheet HTML 7Page - ams-OSRAM AG AS1163 Datasheet HTML 8Page - ams-OSRAM AG AS1163 Datasheet HTML 9Page - ams-OSRAM AG AS1163 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
AS1163
General description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
6 / 91
/
1.3
Use case overview
In this section possible use cases of AS1163 are presented.
Figure 1: Use case 1
Figure 1 shows daisy chain using LVDS as local bus and supporting OSIRE E3731i and I²C
device interfacing.
Figure 2: Use case 2
Figure 2 shows daisy chain using CAN bus and supporting OSIRE E3731i and I²C device
interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91