Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 55 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 55 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 51Page - ams-OSRAM AG AS1163 Datasheet HTML 52Page - ams-OSRAM AG AS1163 Datasheet HTML 53Page - ams-OSRAM AG AS1163 Datasheet HTML 54Page - ams-OSRAM AG AS1163 Datasheet HTML 55Page - ams-OSRAM AG AS1163 Datasheet HTML 56Page - ams-OSRAM AG AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
55 / 91
/
7.6
Unknown command
If a node receives an unknown command an error flag will be raised.
The unknown command will not be executed.
7.7
Incorrect length of argument
Some commands expect an argument delivered in the payload.
If the length of the argument does not match the expectation, an error flag will be raised.
In this case the command will not be executed.
7.8
Broadcast readout attempt
If a readout command is received via the broadcast address 0x000, an error flag will be raised.
The command will not be executed.
7.9
Inappropriate broadcast / multicast attempt
If a serial broadcast command (INIT, INIT_LOOP, PING4EVENT) is received via the broadcast
address 0x000 or via a multicast address, an error flag will be raised.
The command will not be executed, and forwarding will be stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91