| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1163 Fiches technique(PDF) 58 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1163 Fiches technique(HTML) 58 Page - ams-OSRAM AG |
|
58 / 91 page ![]() AS1163 Command and register description Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 58 / 91 / 7.11 Register command overview Table 20: Register overview 6 R/C(1) 5 SR(2) 4 3 2 1 0 W/R Name Function Code Broadcast/ multicast Payload sent # of bit Payload answer # of bit 1 0 0 0 0 0 0 READSTAT Read status 0x40 No 0 8 1 0 0 0 0 1 0 READTEMPSTAT Read Temp & Status 0x42 No 0 16 1 0 0 0 1 0 0 READCOMST Read Com Status 0x44 No 0 8 1 0 0 0 1 1 0 READLEDSTCHN Read LED Status 0x46 No 0 8 1 0 0 1 0 0 0 READTEMP Read Temp 0x48 No 0 8 1 0 0 1 0 1 0 READOTTH Read OV_THE 0x4A No 0 24 1 SR 0 1 0 1 1 SETOTTH Set OV_THE 0x4B 0x6B Yes 24 16 1 0 0 1 1 0 0 READSETUP Read Setup 0x4C No 0 8 1 SR 0 1 1 0 1 SETSETUP Set Setup 0x4D 0x6D Yes 8 16 1 0 0 1 1 1 0 READPWMCHN Read PWM 0x4E No 8 48 1 SR 0 1 1 1 1 SETPWMCHN Set PWM 0x4F 0x6F Yes 64 16 if SR 1 0 1 0 0 0 0 READCURCHN Read Current setting 0x50 No 8 16 1 SR 1 0 0 0 1 SETCURCHN Set Current 0x51 0x71 Yes 24 16 if SR 1 0 1 0 0 1 0 READTCOEFFCHN Read T coeff. 0x52 No 8 40 1 SR 1 0 0 1 1 SETTCOEFFCHN Set Temp coeff. 0x53 Yes 40 16 if SR 1 0 1 0 1 0 0 READADC Read ADC 0x54 No 0 8 1 SR 1 0 1 0 1 SETADC Set ADC 0x55 0x75 Yes 8 16 if SR 1 0 1 0 1 1 0 READI2CCFG Read I²C cfg 0x56 No 0 8 1 SR 1 0 1 1 1 SETI2CCFG Set I²C cfg 0x57 0x77 Yes 8 16 if SR 1 0 1 1 0 0 0 READOTP Read OTP 0x58 No 8 64 1 SR 1 1 0 0 1 SETOTP Set OTP 0x59 0x79 Yes 64 16 if SR 1 0 1 1 1 0 0 READADCDAT Read ADC input data 0x5C No 0 10 |