| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1163 Fiches technique(PDF) 25 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1163 Fiches technique(HTML) 25 Page - ams-OSRAM AG |
|
25 / 91 page ![]() AS1163 Functional description Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 25 / 91 / Equation 1: ������������ = ������������������ − ������������������������ = ������������������_������������������������_������������ ∗ (������������_������������������_������������������������ − 2) Where, Vf is the forward voltage in V, VDD is the applied external supply at VDD pin of AS1163 in V, ADC_GAIN_VF is a parameter, VDRV is the selected driver output voltage, VF_ADC_DATA is the ADC reading in Vf mode, -2 is a systematic offset. Figure 9: ADC block diagram |