| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1163 Fiches technique(PDF) 35 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1163 Fiches technique(HTML) 35 Page - ams-OSRAM AG |
|
35 / 91 page ![]() AS1163 Functional description Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 35 / 91 / These curves apply both to downstream communication, which is relevant for the loop back mode addressing. 6.5.5 LVDS mode Figure 15: LVDS timing diagram 6.5.6 CAN mode (USE mode) Figure 16: CAN timing diagram In the OSP documentation, this mode is known as USE. It is often referred to as CAN, as it enables the use of CAN-FD transceivers. The signal on the SIO ports is not yet CAN, that is only after the transceiver. |