Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 77 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 77 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
77 / 91
/
Table 33: Format of READPWMCHN register (payload from 6 to 8)
Addr: 0x4E
READPWMCHN
Bit
Bit name
Default
Access
Bit description
23:16
ADC_RED_CURR[7:0]
0x0
R
This is the value of the current measured on the
RED LED from the ADC, to check correctness
for FUSA.
15:8
ADC_GREEN_CURR [7:0]
0x0
R
This is the value of the current measured on the
GREEN LED from the ADC, to check
correctness for FUSA.
7:0
ADC_BLUE_CURR [7:0]
0x0
R
This is the value of the current measured on the
BLUE LED from the ADC, to check correctness
for FUSA.
7.13.11
SETPWMCHN (0x4F)
The command contains 3x16-bit words for the PWM setting of the 3 LED drivers and an 8-bit
word for the channel selection (0, 1 or 2).
Payload: 64-bit.
Broadcast allowed.
Writes the PWM setting for 3 LED drivers in a specific channel.
Figure 28: SETPWMCHN bit configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91