Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 34 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 34 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
34 / 91
/
6.5.3
MCU mode (Type A MCU Mode)
Figure 12: Incoming telegrams diagram (Manchester encoded)
Figure 13: Outgoing telegrams timing diagram (Data and Clock)
The device will wait for nominal 5 µs before sending a response telegram.
This is intended to leave the time to the MCU to reconfigure the interface direction to receive
the response, in case it is required.
SIO2N is always forced high by the device, differently from OSIRE E3731i, where the line is
left open to follow the low voltage set by external pull-down (this transition is greyed out in
picture and is not visible in AS1163 SAID).
6.5.4
MCU mode, EOL
The figure below illustrates the signals for the MCU mode EoL (pull-down on SIO_P and pull-
up on SIO_N and the two possible clock polarities, respectively.
Figure 14: MCU mode EoL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91