Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1163 Fiches technique(PDF) 66 Page - ams-OSRAM AG

No de pièce AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Fiches technique(HTML) 66 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
66 / 91
/
Figure 27: I2CWRITE 12-bit addressing
For details, please refer to application note “I²C bridge – SAID as I²C gateway AN001090”.
7.12.18
READLAST (0x1E)
The READLAST returns the bytes from the last I²C transaction. The payload of the READLAST
response is always 8 bytes; some constitute the bytes read, some are padding. If the last
I2CREAD telegram instructed to read n bytes (n≤8) there are p=8-n padding bytes, and the
READLAST response telegram has the following payload.
Table 23: READLAST response telegram
Payload offset
0
1
…
p-1
p
p+1
…
7
Payload content
padding0
padding1
…
paddingp-1
data0
data1
…
datan-1
After every I²C read the data is stored in an internal 64-bit register, no answer is sent on the
OSP line to not occupy the bus for a long time. With the READLAST it is possible to read this
data after that the previous I²C read operation is completed (see status in READI2CCFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91