Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MH98 Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 125Page - STMicroelectronics L99MH98 Datasheet HTML 126Page - STMicroelectronics L99MH98 Datasheet HTML 127Page - STMicroelectronics L99MH98 Datasheet HTML 128Page - STMicroelectronics L99MH98 Datasheet HTML 129Page - STMicroelectronics L99MH98 Datasheet HTML 130Page - STMicroelectronics L99MH98 Datasheet HTML 131Page - STMicroelectronics L99MH98 Datasheet HTML 132Page - STMicroelectronics L99MH98 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 147 page
background image
Table 230. OUT_ENABLE (0x30) LSB description
Bit
Name
Description
7
OUT8
Gate driver enables bit to control HB8. This bit is reset if a watchdog error is detected
6
OUT7
Gate driver enables bit to control HB7. This bit is reset if a watchdog error is detected
5
OUT6
Gate driver enables bit to control HB6. This bit is reset if a watchdog error is detected
4
OUT5
Gate driver enables bit to control HB5. This bit is reset if a watchdog error is detected
3
OUT4
Gate driver enables bit to control HB4. This bit is reset if a watchdog error is detected
2
OUT3
Gate driver enables bit to control HB3. This bit is reset if a watchdog error is detected
1
OUT2
Gate driver enables bit to control HB2. This bit is reset if a watchdog error is detected
0
OUT1
Gate driver enables bit to control HB1. This bit is reset if a watchdog error is detected
L99MH98
SPI Registers
DS14611 - Rev 3
page 129/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More