Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q6 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce ST10F269Z1Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q6 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button ST10F269Z1Q6 Datasheet HTML 38Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 39Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 40Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 41Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 42Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 43Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 44Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 45Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
6 - CENTRAL PROCESSING UNIT (CPU)
ST10F269
42/184
The Table 5 shows the various combinations of pointer post-modification for each of these 2 new address-
ing modes. In this document the symbols “[Rwn⊗]” and “[IDXi⊗]” refer to these addressing modes.
Table 5 : Pointer Post-modification Combinations for IDXi and Rwn
Symbol
Mnemonic
Address Pointer Operation
“[IDXi⊗]” stands for
[IDXi](IDXi) ← (IDXi)
(no-op)
[IDXi+](IDXi) ← (IDXi) + 2
(i=0,1)
[IDXi-]
(IDXi) ← (IDXi) - 2
(i=0,1)
[IDXi + QXj](IDXi) ← (IDXi) + (QXj)
(i, j =0,1)
[IDXi - QXj](IDXi) ← (IDXi) - (QXj)
(i, j =0,1)
“[Rwn⊗]” stands for
[Rwn]
(Rwn)
← (Rwn)
(no-op)
[Rwn
+]
(Rwn)
← (Rwn) + 2
(n=0-15)
[Rwn-]
(Rwn)
← (Rwn) - 2
(n=0-15)
[Rwn
+ QRj]
(Rwn)
← (Rwn) + (QRj)
(n=0-15; j =0,1)
[Rwn - QRj]
(Rwn)
← (Rwn) - (QRj)
(n=0-15; j =0,1)
Table 6 : MAC Registers Referenced as ‘CoReg‘
Registers
Description
Address in Opcode
MSW
MAC-Unit Status Word
00000b
MAH
MAC-Unit Accumulator High
00001b
MAS
“limited” MAH /signed
00010b
MAL
MAC-Unit Accumulator Low
00100b
MCW
MAC-Unit Control Word
00101b
MRW
MAC-Unit Repeat Word
00110b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com