Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q6 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST10F269Z1Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q6 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST10F269Z1Q6 Datasheet HTML 2Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 3Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 4Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 5Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 184 page
background image
1 - INTRODUCTION
ST10F269
6/184
1 - INTRODUCTION
The
ST10F269
is
a
derivative
of
the
STMicroelectronics
ST10
family
of
16-bit
single-chip CMOS microcontrollers. It combines
high
CPU
performance
(up
to
20
million
instructions per second) with high peripheral
functionality and enhanced I/O-capabilities. It also
provides on-chip high-speed single voltage Flash
memory, on-chip high-speed RAM, and clock
generation via PLL.
ST10F269
is
processed
in
0.35
µm CMOS
technology. The MCU core and the logic is
supplied with a 5V to 3.3V on chip voltage
regulator on PQFP144 devices (or 5V to 2.7V on
TQFP144 devices). The part is supplied with a
single 5V supply and I/Os work at 5V.
The
device
is upward
compatible
with
the
ST10F168 device, with the following set of
differences:
– The Multiply/Accumulate unit is available as
standard. This MAC unit adds powerful DSP
functions to the ST10 architecture, but maintains
full compatibility for existing code.
– Flash
control interface
is now based
on
STMicroelectronics
third
generation
of
stand-alone Flash memories, with an embedded
Erase/Program
Controller.
This
completely
frees up the CPU during programming or
erasing the Flash.
– 128-KByte Flash Option
– Two dedicated pins (DC1 and DC2) on the
144-pin package are used for decoupling the
internally generated 3.3V (or 2.7V on TQFP144
devices) core logic supply. Do not connect
these two pins to 5.0V external supply.
Instead, these pins should be connected to a
decoupling capacitor (ceramic type, value
≥ 330
nF).
– The A/D Converter characteristics are different
from previous ST10 derivatives ones. Refer to
Section 21.3.1 -.
– The AC and DC parameters are adapted to the
40MHz maximum CPU frequency on PQFP144
devices (32MHz on TQFP144 devices). The
characterization is performed with CL = 50pF
max on output pins. Refer to Section 21.3 -.
– In order to reduce EMC, the rise/fall time and the
sink/source capability of the drivers of the I/O
pads are programmable. Refer to Section 12.2 -.
– The Real Time Clock functionality is added.
– The external interrupt sources can be selected
with the EXISEL register.
– The reset source is identified by a dedicated
status bit in the WDTCON register.
Figure 1 : Logic Symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
VDD
VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
RPD
DC1 DC2
ST10F269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com