Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q6 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce ST10F269Z1Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q6 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button ST10F269Z1Q6 Datasheet HTML 59Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 60Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 61Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 62Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 63Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 64Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 65Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 66Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
63/184
12.3 - PORT0
The two 8-bit ports P0H and P0L represent the
higher and lower part of PORT0, respectively.
Both halves of PORT0 can be written (via a PEC
transfer) without effecting the other half.
If this port is used for general purpose I/O, the
direction of each line can be configured via the
corresponding
direction
registers
DP0H
and
DP0L.
P0L (FF00h / 80h)
SFR
Reset Value: --00h
P0H (FF02h / 81h)
SFR
Reset Value: --00h
DP0L (F100h / 80h)
ESFR
Reset Value: --00h
DP0H (F102h / 81h)
ESFR
Reset Value: --00h
15
14
13
12
11
10
9876543210
--------
P0L.7 P0L.6 P0L.5 P0L.4 P0L.3 P0L.2 P0L.1 P0L.0
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
--------
P0H.7 P0H.6 P0H.5 P0H.4 P0H.3 P0H.2 P0H.1 P0H.0
RW
RW
RW
RW
RW
RW
RW
RW
P0X.y
Port Data Register P0H or P0L Bit y
15
14
13
12
11
10
9
8
76543
210
--------
DP0L.7
DP0L.6
DP0L.5
DP0L.4
DP0L.3
DP0L.2
DP0L.1
DP0L.0
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9
8
76543
210
--------
DP0H.7 DP0H.6 DP0H.5 DP0H.4 DP0H.3 DP0H.2 DP0H.1 DP0H.0
RW
RW
RW
RW
RW
RW
RW
RW
DP0X.y
Port Direction Register DP0H or DP0L Bit y
DP0X.y = 0: Port line P0X.y is an input (high-impedance)
DP0X.y = 1: Port line P0X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com