Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 72 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology PIC18F4331 Datasheet HTML 71Page - Microchip Technology PIC18F4331 Datasheet HTML 72Page - Microchip Technology PIC18F4331 Datasheet HTML 73Page - Microchip Technology PIC18F4331 Datasheet HTML 74Page - Microchip Technology PIC18F4331 Datasheet HTML 75Page - Microchip Technology PIC18F4331 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 70
Preliminary
© 2007 Microchip Technology Inc.
EEADR
EEPROM Address Register
0000 0000
52, 87
EEDATA
EEPROM Data Register
0000 0000
52, 90
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
52, 78, 87
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
52, 79, 88
IPR3
—
—
—
PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
---1 1111
52, 106
PIR3
—
—
—
PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
---0 0000
52, 100
PIE3
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
---0 0000
52, 103
IPR2
OSCFIP
—
—EEIP
—LVDIP
—
CCP2IP
1--1 -1-1
53, 105
PIR2
OSCFIF
—
—
EEIF
—LVDIF
—CCP2IF
0--0 -0-0
53, 99
PIE2
OSCFIE
—
—EEIE
—LVDIE
—
CCP2IE
0--0 -0-0
53, 102
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
-111 1111
53, 104
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
53, 98
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
53, 101
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
27, 53
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
00-0 0000
52
ADCHS
GDSEL1
GDSEL0
GBSEL1
GBSEL0
GCSEL1
GCSEL0
GASEL1
GASEL0
0000 0000
52
TRISE(5)
—
—
—
—
—
PORTE Data Direction Register(5)
---- -111
53, 133
TRISD(5)
PORTD Data Direction Register
1111 1111
53, 130
TRISC
PORTC Data Direction Register
1111 1111
53, 125
TRISB
PORTB Data Direction Register
1111 1111
53, 119
TRISA
TRISA7(2)
TRISA6(1) PORTA Data Direction Register
1111 1111
53, 113
PR5H
Timer5 Period Register High Byte
1111 1111
52
PR5L
Timer5 Period Register Low Byte
1111 1111
52
LATE(5)
—
—
—
—
—
LATE Data Output Register
---- -xxx
53, 133
LATD(5)
LATD Data Output Register
xxxx xxxx
53, 130
LATC
LATC Data Output Register
xxxx xxxx
53, 125
LATB
LATB Data Output Register
xxxx xxxx
53, 119
LATA
LATA7(2)
LATA6(1)
LATA Data Output Register
xxxx xxxx
53, 113
TMR5H
Timer5 Register High Byte
xxxx xxxx
148
TMR5L
Timer5 Register Low Byte
xxxx xxxx
148
PORTE
—
—
—
—RE3(6)
RE2(5)
RE1(5)
RE0(5)
---- xxxx
53, 133
PORTD(5)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
53, 130
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
53, 125
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
53, 119
PORTA
RA7(2)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
53, 113
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
0000 0000
54, 186
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
00-- ----
54, 186
PTMRL
PWM Time Base Register (lower 8 bits)
0000 0000
184
PTMRH
UNUSED
PWM Time Base Register (upper 4 bits)
---- 0000
184
PTPERL
PWM Time Base Period Register (lower 8 bits)
1111 1111
184
PTPERH
UNUSED
PWM Time Base Period Register (upper 4 bits)
---- 1111
184
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented.
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator modes only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital inputs and read unknown, and if PBADEN = 1, PORTB<4:0> are configured as
analog inputs and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2331/2431 devices and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’; otherwise, RE3 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com