Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 40 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 36Page - Microchip Technology PIC18F4331 Datasheet HTML 37Page - Microchip Technology PIC18F4331 Datasheet HTML 38Page - Microchip Technology PIC18F4331 Datasheet HTML 39Page - Microchip Technology PIC18F4331 Datasheet HTML 40Page - Microchip Technology PIC18F4331 Datasheet HTML 41Page - Microchip Technology PIC18F4331 Datasheet HTML 42Page - Microchip Technology PIC18F4331 Datasheet HTML 43Page - Microchip Technology PIC18F4331 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 38
Preliminary
© 2007 Microchip Technology Inc.
3.3.2
SEC_IDLE MODE
In SEC_IDLE mode, the CPU is disabled, but the
peripherals continue to be clocked from the Timer1
oscillator. This mode is entered by setting the Idle bit,
modifying SCS1:SCS0 = 01 and executing a SLEEP
instruction. When the clock source is switched (see
Figure 3-5) to the Timer1 oscillator, the primary
oscillator is shut down, the OSTS bit is cleared and the
T1RUN bit is set.
When a wake event occurs, the peripherals continue to
be clocked from the Timer1 oscillator. After a 10
μs
delay following the wake event, the CPU begins execut-
ing code, being clocked by the Timer1 oscillator. The
microcontroller operates in SEC_RUN mode until the
primary clock becomes ready. When the primary clock
becomes ready, a clock switch back to the primary clock
occurs (see Figure 3-6). When the clock switch is com-
plete, the T1RUN bit is cleared, the OSTS bit is set and
the primary clock is providing the system clock. The
IDLEN and SCS bits are not affected by the wake-up;
the Timer1 oscillator continues to run.
FIGURE 3-5:
TIMING TRANSITION FOR ENTRY TO SEC_IDLE MODE
FIGURE 3-6:
TIMING TRANSITION FOR WAKE FROM SEC_RUN MODE (HSPLL)
Note:
The Timer1 oscillator should already be
running prior to entering SEC_IDLE mode.
If the T1OSCEN bit is not set when the
SLEEP instruction is executed, a forced
NOP will be executed instead and entry to
SEC_IDLE mode will not occur. If the
Timer1 oscillator is enabled, but not yet
running, peripheral clocks will be delayed
until the oscillator has started; in such sit-
uations, initial oscillator operation is far
from stable and unpredictable operation
may result.
Q4
Q3
Q2
OSC1
Peripheral
Program
Q1
T1OSI
Q1
Counter
Clock
CPU
Clock
PC + 2
PC
1
2345
678
Clock Transition
Q1
Q3 Q4
OSC1
Peripheral
Program
PC
PC + 2
T1OSI
PLL Clock
Q1
PC + 6
Q2
Output
Q3
Q4
Q1
CPU Clock
PC + 4
Clock
Counter
Q2
Q2
Q3
Note 1: TOST = 1024 TOSC; TPLL = 2 ms (approx). These intervals are not shown to scale.
Wake from Interrupt Event
TPLL(1)
12
3
45
6
7
8
Clock Transition
OSTS bit Set
TOST(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com