Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 51 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 51 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 47Page - Microchip Technology PIC18F4331 Datasheet HTML 48Page - Microchip Technology PIC18F4331 Datasheet HTML 49Page - Microchip Technology PIC18F4331 Datasheet HTML 50Page - Microchip Technology PIC18F4331 Datasheet HTML 51Page - Microchip Technology PIC18F4331 Datasheet HTML 52Page - Microchip Technology PIC18F4331 Datasheet HTML 53Page - Microchip Technology PIC18F4331 Datasheet HTML 54Page - Microchip Technology PIC18F4331 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 49
PIC18F2331/2431/4331/4431
4.6
Time-out Sequence
On power-up, the time-out sequence is as follows:
First, after the POR pulse has cleared, PWRT time-out
is invoked (if enabled). Then, the OST is activated. The
total time-out will vary based on oscillator configuration
and the status of the PWRT. For example, in RC mode
with the PWRT disabled, there will be no time-out at all.
Figures 4-3 through 4-7 depict time-out sequences on
power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, all time-outs will expire. Bring-
ing MCLR high will begin execution immediately
(Figure 4-5). This is useful for testing purposes or to
synchronize more than one PIC18FXXXX device
operating in parallel.
Table 4-2 shows the Reset conditions for some Special
Function Registers, while Table 4-3 shows the Reset
conditions for all the registers.
TABLE 4-1:
TIME-OUT IN VARIOUS SITUATIONS
REGISTER 4-1:
RCON REGISTER BITS AND POSITIONS
TABLE 4-2:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Oscillator
Configuration
Power-up(2) and Brown-out
Exit From
Power-Managed Mode
PWRTEN = 0
PWRTEN = 1
HSPLL
66 ms(1) + 1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
HS, XT, LP
66 ms(1) + 1024 TOSC
1024 TOSC
1024 TOSC
EC, ECIO
66 ms(1)
——
RC, RCIO
66 ms(1)
——
INTIO1, INTIO2
66 ms(1)
——
Note 1:
66 ms (65.5 ms) is the nominal Power-up Timer (PWRT) delay.
2:
2 ms is the nominal time required for the 4x PLL to lock.
R/W-0
U-0
U-0
R/W-1
R-1
R-1
R/W-0
R/W-0
IPEN
—
—RI
TO
PD
POR
BOR
bit 7
bit 0
Note:
Refer to Section 5.14 “RCON Register” for bit definitions.
Condition
Program
Counter
RCON
Register
RI
TO
PD
POR
BOR STKFUL STKUNF
Power-on Reset
0000h
0--1 1100
1
1
1
0
0
0
0
RESET Instruction
0000h
0--0 uuuu
0
u
u
u
u
u
u
Brown-out
0000h
0--1 11u-
1
1
1
u
0
u
u
MCLR Reset during power-managed
Run modes
0000h
0--u 1uuu
u
1
u
u
u
u
u
MCLR Reset during power-managed Idle
and Sleep modes
0000h
0--u 10uu
u
1
0
u
u
u
u
WDT Time-out during full power or
power-managed Run modes
0000h
0--u 0uuu
u
0
u
u
u
u
u
MCLR Reset during full power execution
0000h
0--u uuuu
u
u
u
u
u
uu
Stack Full Reset (STVREN = 1)
1u
Stack Underflow Reset (STVREN = 1)
u1
Stack Underflow Error (not an actual
Reset, STVREN = 0)
0000h
u--u uuuu
u
u
u
u
u
u
1
WDT time-out during power-managed Idle
or Sleep modes
PC + 2
u--u 00uu
u
0
0
u
u
u
u
Interrupt exit from power-managed modes PC + 2(1) u--u u0uu
u
u
0
u
u
u
u
Legend:
u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’.
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (0x000008h or 0x000018h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com