Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 70 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 66Page - Microchip Technology PIC18F4331 Datasheet HTML 67Page - Microchip Technology PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology PIC18F4331 Datasheet HTML 71Page - Microchip Technology PIC18F4331 Datasheet HTML 72Page - Microchip Technology PIC18F4331 Datasheet HTML 73Page - Microchip Technology PIC18F4331 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 68
Preliminary
© 2007 Microchip Technology Inc.
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
50, 60
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
50, 60
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
50, 60
STKPTR
STKFUL
STKUNF
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
50, 61
PCLATU
—
—bit 21(3)
Holding Register for PC<20:16>
---0 0000
50, 62
PCLATH
Holding Register for PC<15:8>
0000 0000
50, 62
PCL
PC Low Byte (PC<7:0>)
0000 0000
50, 62
TBLPTRU
—
—bit 21(3)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
50, 80
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
50, 80
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
50, 80
TABLAT
Program Memory Table Latch
0000 0000
50, 80
PRODH
Product Register High Byte
xxxx xxxx
50, 91
PRODL
Product Register Low Byte
xxxx xxxx
50, 91
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
50, 95
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
50, 96
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
50, 97
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
50, 73
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
50, 73
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
50, 73
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
50, 73
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register)
N/A
50, 73
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- xxxx
50, 73
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
50, 73
WREG
Working Register
xxxx xxxx
50
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
50, 73
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
50, 73
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
50, 73
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
50, 73
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register)
N/A
50, 73
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- 0000
51, 73
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
51, 73
BSR
—
—
—
—
Bank Select Register
---- 0000
51, 72
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
51, 73
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
51, 73
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
51, 73
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
51, 73
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register)
N/A
51, 73
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- 0000
51, 73
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
51, 73
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
51, 75
TMR0H
Timer0 Register High Byte
0000 0000
51, 137
TMR0L
Timer0 Register Low Byte
xxxx xxxx
51, 137
T0CON
TMR0ON
T016BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
51, 135
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented.
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator modes only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital inputs and read unknown, and if PBADEN = 1, PORTB<4:0> are configured as
analog inputs and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2331/2431 devices and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’; otherwise, RE3 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com