Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 42 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 42 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 38Page - Microchip Technology PIC18F4331 Datasheet HTML 39Page - Microchip Technology PIC18F4331 Datasheet HTML 40Page - Microchip Technology PIC18F4331 Datasheet HTML 41Page - Microchip Technology PIC18F4331 Datasheet HTML 42Page - Microchip Technology PIC18F4331 Datasheet HTML 43Page - Microchip Technology PIC18F4331 Datasheet HTML 44Page - Microchip Technology PIC18F4331 Datasheet HTML 45Page - Microchip Technology PIC18F4331 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 40
Preliminary
© 2007 Microchip Technology Inc.
3.4
Run Modes
If the IDLEN bit is clear when a SLEEP instruction is
executed, the CPU and peripherals are both clocked
from the source selected using the SCS1:SCS0 bits.
While these operating modes may not afford the power
conservation of Idle or Sleep modes, they do allow the
device to continue executing instructions by using a
lower frequency clock source. RC_RUN mode also
offers the possibility of executing code at a frequency
greater than the primary clock.
Wake-up from a power-managed Run mode can be
triggered by an interrupt, or any Reset, to return to full
power operation. As the CPU is executing code in Run
modes, several additional exits from Run modes are
possible. They include exit to Sleep mode, exit to a
corresponding Idle mode and exit by executing a
RESET instruction. While the device is in any of the
power-managed Run modes, a WDT time-out will
result in a WDT Reset.
3.4.1
PRI_RUN MODE
The PRI_RUN mode is the normal full power execution
mode. If the SLEEP instruction is never executed, the
microcontroller operates in this mode (a SLEEP instruc-
tion is executed to enter all other power-managed
modes). All other power-managed modes exit to
PRI_RUN mode when an interrupt or WDT time-out
occur.
There is no entry to PRI_RUN mode. The OSTS bit is
set. The IOFS bit may be set if the internal oscillator
block is the primary clock source (see Section 2.7.1
“Oscillator Control Register”).
3.4.2
SEC_RUN MODE
The SEC_RUN mode is the compatible mode to the
“clock switching” feature offered in other PIC18
devices. In this mode, the CPU and peripherals are
clocked from the Timer1 oscillator. This gives users the
option of lower power consumption while still using a
high accuracy clock source.
SEC_RUN mode is entered by clearing the IDLEN bit,
setting SCS1:SCS0 = 01 and executing a SLEEP
instruction. The system clock source is switched to the
Timer1 oscillator (see Figure 3-9), the primary oscilla-
tor is shut down, the T1RUN bit (T1CON<6>) is set and
the OSTS bit is cleared.
When a wake event occurs, the peripherals and CPU
continue to be clocked from the Timer1 oscillator while
the primary clock is started. When the primary clock
becomes ready, a clock switch back to the primary clock
occurs (see Figure 3-6). When the clock switch is com-
plete, the T1RUN bit is cleared, the OSTS bit is set and
the primary clock is providing the system clock. The
IDLEN and SCS bits are not affected by the wake-up;
the Timer1 oscillator continues to run.
Firmware can force an exit from SEC_RUN mode. By
clearing the T1OSCEN bit (T1CON<3>), an exit from
SEC_RUN back to normal full power operation is trig-
gered. The Timer1 oscillator will continue to run and
provide the system clock even though the T1OSCEN bit
is cleared. The primary clock is started. When the pri-
mary clock becomes ready, a clock switch back to the
primary clock occurs (see Figure 3-6). When the clock
switch is complete, the Timer1 oscillator is disabled, the
T1RUN bit is cleared, the OSTS bit is set and the
primary clock provides the system clock. The IDLEN
and SCS bits are not affected by the wake-up.
FIGURE 3-9:
TIMING TRANSITION FOR ENTRY TO SEC_RUN MODE
Note:
The Timer1 oscillator should already be
running prior to entering SEC_RUN mode.
If the T1OSCEN bit is not set when the
SLEEP instruction is executed, a forced
NOP will be executed instead and entry to
SEC_IDLE mode will not occur. If the
Timer1 oscillator is enabled, but not yet
running, system clocks will be delayed
until the oscillator has started. In such
situations, initial oscillator operation is far
from stable and unpredictable operation
may result.
Q4
Q3
Q2
OSC1
Peripheral
Program
Q1
T1OSI
Q1
Counter
Clock
CPU
Clock
PC + 2
PC
123
456
78
Clock Transition
Q4
Q3
Q2
Q1
Q3
Q2
PC + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com