Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 53 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 49Page - Microchip Technology PIC18F4331 Datasheet HTML 50Page - Microchip Technology PIC18F4331 Datasheet HTML 51Page - Microchip Technology PIC18F4331 Datasheet HTML 52Page - Microchip Technology PIC18F4331 Datasheet HTML 53Page - Microchip Technology PIC18F4331 Datasheet HTML 54Page - Microchip Technology PIC18F4331 Datasheet HTML 55Page - Microchip Technology PIC18F4331 Datasheet HTML 56Page - Microchip Technology PIC18F4331 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 51
PIC18F2331/2431/4331/4431
FSR1H
2331 2431 4331 4431
---- 0000
---- uuuu
---- uuuu
FSR1L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
2331 2431 4331 4431
---- 0000
---- 0000
---- uuuu
INDF2
2331 2431 4331 4431
N/A
N/A
N/A
POSTINC2
2331 2431 4331 4431
N/A
N/A
N/A
POSTDEC2
2331 2431 4331 4431
N/A
N/A
N/A
PREINC2
2331 2431 4331 4431
N/A
N/A
N/A
PLUSW2
2331 2431 4331 4431
N/A
N/A
N/A
FSR2H
2331 2431 4331 4431
---- 0000
---- uuuu
---- uuuu
FSR2L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2331 2431 4331 4431
---x xxxx
---u uuuu
---u uuuu
TMR0H
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TMR0L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
OSCCON
2331 2431 4331 4431
0000 q000
0000 q000
uuuu uuuu
LVDCON
2331 2431 4331 4431
--00 0101
--00 0101
--uu uuuu
WDTCON
2331 2431 4331 4431
0--- ---0
0--- ---0
u--- ---u
RCON(4)
2331 2431 4331 4431
0--1 11q0
0--q qquu
u--u qquu
TMR1H
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2331 2431 4331 4431
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PR2
2331 2431 4331 4431
1111 1111
1111 1111
1111 1111
T2CON
2331 2431 4331 4431
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
SSPCON
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TABLE 4-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE
pin, they are disabled and read as ‘0’. The 28-pin devices have only RE3 on PORTE when MCLR is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com