Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 45 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 45 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 41Page - Microchip Technology PIC18F4331 Datasheet HTML 42Page - Microchip Technology PIC18F4331 Datasheet HTML 43Page - Microchip Technology PIC18F4331 Datasheet HTML 44Page - Microchip Technology PIC18F4331 Datasheet HTML 45Page - Microchip Technology PIC18F4331 Datasheet HTML 46Page - Microchip Technology PIC18F4331 Datasheet HTML 47Page - Microchip Technology PIC18F4331 Datasheet HTML 48Page - Microchip Technology PIC18F4331 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 43
PIC18F2331/2431/4331/4431
TABLE 3-3:
ACTIVITY AND EXIT DELAY ON WAKE FROM SLEEP MODE OR ANY IDLE MODE
(BY CLOCK SOURCES)
Clock in
Power- Managed
Mode
Primary System
Clock
Power- Managed
Mode Exit Delay
Clock Ready
Status bit
(OSCCON)
Activity During Wake from
Power-Managed Mode
Exit by Interrupt
Exit by Reset
Primary System
Clock
(PRI_IDLE mode)
LP, XT, HS
5-10
μs(5)
OSTS
CPU and peripherals
clocked by primary
clock and executing
instructions.
Not clocked or
Two-Speed Start-up
(if enabled).(3)
HSPLL
EC, RC, INTRC(1)
—
INTOSC(2)
IOFS
T1OSC or
INTRC(1)
LP, XT, HS
OST
OSTS
CPU and peripherals
clocked by selected
power-managed mode
clock and executing
instructions until
primary clock source
becomes ready.
HSPLL
OST + 2 ms
EC, RC, INTRC(1)
5-10
μs(5)
—
INTOSC(2)
1ms(4)
IOFS
INTOSC(2)
LP, XT, HS
OST
OSTS
HSPLL
OST + 2 ms
EC, RC, INTRC(1)
5-10
μs(5)
—
INTOSC(2)
None
IOFS
Sleep mode
LP, XT, HS
OST
OSTS
Not clocked or
Two-Speed Start-up (if
enabled) until primary
clock source becomes
ready(3).
HSPLL
OST + 2 ms
EC, RC, INTRC(1)
5-10
μs(5)
—
INTOSC(2)
1ms(4)
IOFS
Note 1:
In this instance, refers specifically to the INTRC clock source.
2:
Includes both the INTOSC 8 MHz source and postscaler derived frequencies.
3:
Two-Speed Start-up is covered in greater detail in Section 22.3 “Two-Speed Start-up”.
4:
Execution continues during the INTOSC stabilization period.
5:
Required delay when waking from Sleep and all Idle modes. This delay runs concurrently with any other
required delays (see Section 3.3 “Idle Modes”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com