Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 43 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 43 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 39Page - Microchip Technology PIC18F4331 Datasheet HTML 40Page - Microchip Technology PIC18F4331 Datasheet HTML 41Page - Microchip Technology PIC18F4331 Datasheet HTML 42Page - Microchip Technology PIC18F4331 Datasheet HTML 43Page - Microchip Technology PIC18F4331 Datasheet HTML 44Page - Microchip Technology PIC18F4331 Datasheet HTML 45Page - Microchip Technology PIC18F4331 Datasheet HTML 46Page - Microchip Technology PIC18F4331 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 41
PIC18F2331/2431/4331/4431
3.4.3
RC_RUN MODE
In RC_RUN mode, the CPU and peripherals are
clocked from the internal oscillator block using the
INTOSC multiplexer and the primary clock is shut
down. When using the INTRC source, this mode
provides the best power conservation of all the Run
modes, while still executing code. This mode works
well for user applications that are not highly timing
sensitive, or do not require high-speed clocks at all
times.
If the primary clock source is the internal oscillator
block (either of the INTIO1 or INTIO2 oscillators), there
are no distinguishable differences between PRI_RUN
and RC_RUN modes during execution. However, a
clock switch delay will occur during entry to, and exit
from, RC_RUN mode. Therefore, if the primary clock
source is the internal oscillator block, the use of
RC_RUN mode is not recommended.
This mode is entered by clearing the IDLEN bit, setting
SCS1 (SCS0 is ignored) and executing a SLEEP
instruction. The IRCF bits may select the clock
frequency before the SLEEP instruction is executed.
When the clock source is switched to the INTOSC
multiplexer (see Figure 3-10), the primary oscillator is
shut down and the OSTS bit is cleared.
The IRCF bits may be modified at any time to immedi-
ately change the system clock speed. Executing a
SLEEP instruction is not required to select a new clock
frequency from the INTOSC multiplexer.
If the IRCF bits are all clear, the INTOSC output is not
enabled and the IOFS bit will remain clear; there will be
no indication of the current clock source. The INTRC
source is providing the system clocks.
If the IRCF bits are changed from all clear (thus
enabling the INTOSC output), the IOFS bit becomes
set after the INTOSC output becomes stable. Clocks to
the system continue while the INTOSC source
stabilizes in approximately 1 ms.
If the IRCF bits were previously at a non-zero value
before the SLEEP instruction was executed, and the
INTOSC source was already stable, the IOFS bit will
remain set.
When a wake event occurs, the system continues to be
clocked from the INTOSC multiplexer while the primary
clock is started. When the primary clock becomes
ready, a clock switch to the primary clock occurs (see
Figure 3-8). When the clock switch is complete, the
IOFS bit is cleared, the OSTS bit is set and the primary
clock provides the system clock. The IDLEN and SCS
bits are not affected by the wake-up. The INTRC
source will continue to run if either the WDT or the
Fail-Safe Clock Monitor is enabled.
FIGURE 3-10:
TIMING TRANSITION TO RC_RUN MODE
Note:
Caution should be used when modifying a
single IRCF bit. If VDD is less than 3V, it is
possible to select a higher clock speed
than is supported by the low VDD.
Improper device operation may result if
the VDD/FOSC specifications are violated.
Q3
Q2
Q1
OSC1
Peripheral
Program
Q4
INTRC
Q4
Counter
Clock
CPU
Clock
PC + 2
PC
12
34
56
78
Clock Transition
Q3
Q2
Q1
Q4
Q2
Q1
Q3
PC + 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com