Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 66 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 66 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 62Page - Microchip Technology PIC18F4331 Datasheet HTML 63Page - Microchip Technology PIC18F4331 Datasheet HTML 64Page - Microchip Technology PIC18F4331 Datasheet HTML 65Page - Microchip Technology PIC18F4331 Datasheet HTML 66Page - Microchip Technology PIC18F4331 Datasheet HTML 67Page - Microchip Technology PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 64
Preliminary
© 2007 Microchip Technology Inc.
5.7
Instructions in Program Memory
The program memory is addressed in bytes. Instructions
are stored as two bytes or four bytes in program memory.
The Least Significant Byte of an instruction word is
always stored in a program memory location with an
even address (LSB = 0). Figure 5-5 shows an example of
how instruction words are stored in the program memory.
To maintain alignment with instruction boundaries, the
PC increments in steps of 2 and the LSB will always read
‘0’ (see Section 5.4 “PCL, PCLATH and PCLATU”).
The CALL and GOTO instructions have the absolute
program memory address embedded into the instruction.
Since instructions are always stored on word boundaries,
the data contained in the instruction is a word address.
The word address is written to PC<20:1>, which
accesses the desired byte address in program memory.
Instruction 2 in Figure 5-5 shows how the instruction
‘GOTO 000006h’ is encoded in the program memory.
Program branch instructions, which encode a relative
address offset, operate in the same manner. The offset
value stored in a branch instruction represents the num-
ber of single-word instructions that the PC will be offset
by. Section 23.0 “Instruction Set Summary” provides
further details of the instruction set.
5.7.1
TWO-WORD INSTRUCTIONS
PIC18F2331/2431/4331/4431 devices have four two-
word instructions: MOVFF, CALL, GOTO and LFSR. The
second word of these instructions has the 4 MSBs set
to ‘1’s and is decoded as a NOP instruction. The lower
12 bits of the second word contain data to be used by
the instruction. If the first word of the instruction is
executed, the data in the second word is accessed. If
the second word of the instruction is executed by itself
(first word was skipped), it will execute as a NOP. This
action is necessary when the two-word instruction is
preceded by a conditional instruction that results in a
skip operation. A program example that demonstrates
this concept is shown in Example 5-3. Refer to
Section 23.0 “Instruction Set Summary” for further
details of the instruction set.
FIGURE 5-5:
INSTRUCTIONS IN PROGRAM MEMORY
EXAMPLE 5-3:
TWO-WORD INSTRUCTIONS
CASE 1:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; No, skip this word
1111 0100 0101 0110
; Execute this word as a NOP
0010 0100 0000 0000
ADDWF
REG3
; continue code
CASE 2:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; Yes, execute this word
1111 0100 0101 0110
; 2nd word of instruction
0010 0100 0000 0000
ADDWF
REG3
; continue code
Word Address
LSB = 1
LSB = 0
↓
Program Memory
Byte Locations
→
000000h
000002h
000004h
000006h
Instruction 1:
MOVLW
055h
0Fh
55h
000008h
Instruction 2:
GOTO
000006h
EFh
03h
00000Ah
F0h
00h
00000Ch
Instruction 3:
MOVFF
123h, 456h
C1h
23h
00000Eh
F4h
56h
000010h
000012h
000014h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com