Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 61 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 57Page - Microchip Technology PIC18F4331 Datasheet HTML 58Page - Microchip Technology PIC18F4331 Datasheet HTML 59Page - Microchip Technology PIC18F4331 Datasheet HTML 60Page - Microchip Technology PIC18F4331 Datasheet HTML 61Page - Microchip Technology PIC18F4331 Datasheet HTML 62Page - Microchip Technology PIC18F4331 Datasheet HTML 63Page - Microchip Technology PIC18F4331 Datasheet HTML 64Page - Microchip Technology PIC18F4331 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 59
PIC18F2331/2431/4331/4431
5.0
MEMORY ORGANIZATION
There are three memory types in enhanced MCU
devices. These memory types are:
• Program Memory
• Data RAM
• Data EEPROM
Data and program memory use separate busses,
which allows for concurrent access of these types.
Additional detailed information for Flash program mem-
ory and data EEPROM is provided in Section 6.0
“Flash Program Memory” and Section 7.0 “Data
EEPROM Memory”, respectively.
FIGURE 5-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2331/4331
5.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
2-Mbyte address will cause a read of all ‘0’s (a NOP
instruction).
The PIC18F2331/4331 devices each have 8 Kbytes of
Flash memory and can store up to 4,096 single-word
instructions.
The PIC18F2431/4431 devices each have 16 Kbytes
of Flash memory and can store up to 8,192 single-word
instructions.
The Reset vector address is at 000000h and the
interrupt vector addresses are at 000008h and
000018h.
The program memory maps for PIC18F2331/4331 and
PIC18F2431/4431 devices are shown in Figure 5-1
and Figure 5-2, respectively.
FIGURE 5-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2431/4431
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector LSb
High-Priority Interrupt Vector LSb
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low-Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
002000h
001FFFh
Unused
Read ‘0’s
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector LSb
High-Priority Interrupt Vector LSb
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low-Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
004000h
003FFFh
Unused
Read ‘0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com