Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 4 Page - NXP Semiconductors

  SZF2002 Datasheet HTML 1Page - NXP Semiconductors SZF2002 Datasheet HTML 2Page - NXP Semiconductors SZF2002 Datasheet HTML 3Page - NXP Semiconductors SZF2002 Datasheet HTML 4Page - NXP Semiconductors SZF2002 Datasheet HTML 5Page - NXP Semiconductors SZF2002 Datasheet HTML 6Page - NXP Semiconductors SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
1998 Aug 26
4
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
5
BLOCK DIAGRAM
Fig.1 Block diagram.
MGM180
RAMCE
RST
XCLK
D0 to D7
A0 to A17
CE
OE
WE
VSS
VDDA VSSA
VDD
RXD
TXD
P3
P1
T0
T1
INT0
INT1
PARALLEL
I/O PORTS
AND
EXT. BUS
SERIAL
UART
PORT
TWO 16-BIT
TIMER/
EVENT
COUNTERS
(T0, T1)
80C51
core
excluding
ROM/RAM
CPU
P4
8-BIT
I/O
PORTS
WATCHDOG
TIMER
(T3)
PROGRAM
MEMORY
DATA
MEMORY
PWM
ADC
ADC0 to ADC5
6-KBYTE
ROM
PWM
6144
+ 256
bytes RAM
DEBUG
EA
SZF2002
T2EX
T2
16-BIT
TIMER/
EVENT
COUNTER
SDA
SCL
I2C-BUS
INTERFACE
INT2 to INT8
3
3
(1) Address lines A0 to A5 have alternative functions during Debug; see Section 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76