Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 44 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 44 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 40Page - NXP Semiconductors SZF2002 Datasheet HTML 41Page - NXP Semiconductors SZF2002 Datasheet HTML 42Page - NXP Semiconductors SZF2002 Datasheet HTML 43Page - NXP Semiconductors SZF2002 Datasheet HTML 44Page - NXP Semiconductors SZF2002 Datasheet HTML 45Page - NXP Semiconductors SZF2002 Datasheet HTML 46Page - NXP Semiconductors SZF2002 Datasheet HTML 47Page - NXP Semiconductors SZF2002 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
1998 Aug 26
44
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Fig.23 Serial port Mode 3.
handbook, full pagewidth
MGM143
START
SHIFT
DATA
T1
0
SMOD
TCLK0
1
0
1
0
1
TX CONTROL
TX CLOCK
SEND
16
serial port
interrupt
16
RX CLOCK
R1
LOAD
SBUF
SHIFT
RX CONTROL
START
HIGH-TO-LOW
TRANSITION
DETECTOR
sample
INPUT SHIFT
REGISTER
(9-BITS)
BIT
DETECTOR
S0 BUFFER
INTERNAL BUS
READ
SBUF
SHIFT
LOAD
SBUF
S0 BUFFER
ZERO DETECTOR
SHIFT
D
CL
S
Q
TB8
INTERNAL BUS
write to
SBUF
2
Timer 1
overflow
Timer 2
overflow
RXD
TXD
RCLK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76