| Moteur de recherche de fiches techniques de composants électroniques |
|
SZF2002 Fiches technique(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002 Fiches technique(HTML) 48 Page - NXP Semiconductors |
|
48 / 76 page ![]() 1998 Aug 26 48 Philips Semiconductors Product specification Low voltage 8-bit microcontroller with 6-kbyte embedded RAM SZF2002 18.3 Interrupt related registers The registers IEN0, IEN1, IP0, IP1, IX1 and IRQ1 are used in conjunction with the interrupt system. Table 37 Special Function Registers related to the interrupt system ADDRESS REGISTER DESCRIPTION A8H IEN0 Interrupt Enable Register 0 E8H IEN1 Interrupt Enable Register 1 (INT2 to INT8) B8H IP0 Interrupt Priority Register 0 F8H IP1 Interrupt Priority Register 1 (INT2 to INT8 and ADC) E9H IX1 Interrupt Polarity Register C0H IRQ1 Interrupt Request Flag Register Fig.26 External interrupt configuration. handbook, full pagewidth MGM139 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 X8 X7 X6 X5 X4 X3 X2 X1 X0 IX1 IEN1/IEN0 IRQ1 WAKE-UP GLOBAL ENABLE |