Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 20Page - NXP Semiconductors SZF2002 Datasheet HTML 21Page - NXP Semiconductors SZF2002 Datasheet HTML 22Page - NXP Semiconductors SZF2002 Datasheet HTML 23Page - NXP Semiconductors SZF2002 Datasheet HTML 24Page - NXP Semiconductors SZF2002 Datasheet HTML 25Page - NXP Semiconductors SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
1998 Aug 26
24
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
13.1
Prescaler Frequency Control Register (PWMP)
Table 10 Prescaler Frequency Control Register (SFR address FEH)
Table 11 Description of PWMP bits
13.2
Pulse Width Register (PWM)
Table 12 Pulse Width Register (SFR address FCH)
Table 13 Description of PWM bits
76543210
PWMP.7
PWMP.6
PWMP.5
PWMP.4
PWMP.3
PWMP.2
PWMP.1
PWMP.0
BIT
SYMBOL
DESCRIPTION
7 to 0
PWMP.7 to PWMP.0
prescaler division factor = (PWMP) + 1
76543210
PWM.7
PWM.6
PWM.5
PWM.4
PWM.3
PWM.2
PWM.1
PWM.0
BIT
SYMBOL
DESCRIPTION
7 to 0
PWM.7 to PWM.0
HIGH/LOW ratio of
Fig.13 PWM signals.
handbook, full pagewidth
MGM186
PWM
PWM
× 2 × (PWMP + 1) × tclk
255
× 2 × (PWMP + 1) × tclk
PWM signal
PWM
()
255
PWM
()
–
{}
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76