Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 38 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 38 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors SZF2002 Datasheet HTML 37Page - NXP Semiconductors SZF2002 Datasheet HTML 38Page - NXP Semiconductors SZF2002 Datasheet HTML 39Page - NXP Semiconductors SZF2002 Datasheet HTML 40Page - NXP Semiconductors SZF2002 Datasheet HTML 41Page - NXP Semiconductors SZF2002 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
1998 Aug 26
38
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Fig.17 Serial port Mode 0.
handbook, full pagewidth
MGC752
START
SHIFT
T1
TX CONTROL
TX CLOCK
SEND
serial port
interrupt
RX CLOCK
R1
SHIFT
RX CONTROL
START
INPUT SHIFT
REGISTER
S0 BUFFER
INTERNAL BUS
READ
SBUF
SHIFT
LOAD
SBUF
S0 BUFFER
ZERO DETECTOR
SHIFT
D
CL
S
Q
INTERNAL BUS
TB8
write to
SBUF
1 1 1 1111 0
REN
S6
RI
RXD
P3.0 ALT
output
function
RECEIVE
SHIFT
CLOCK
TXD
P3.1 ALT
output
function
RXD
P3.0 ALT
input
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76