| Moteur de recherche de fiches techniques de composants électroniques |
|
SZF2002 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 76 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MLA567 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 ...s6 WRITE TO SBUF S6P2 D0 D1 D2 D3 D4 D5 D6 D7 S3P1 S6P1 WRITE TO SCON (CLEAR R1) D0 D1 D2 D3 D4 D5 D6 D7 S5P2 ALE SEND SHIFT RXD (DATA OUT) TSC (SHIFT CLOCK) RI T1 RECEIVE SHIFT RXD (DATA IN) TXD (SHIFT CLOCK) T R A N S M I T R E C E I V E Fig.18 Serial port Mode 0 timing. |