| Moteur de recherche de fiches techniques de composants électroniques |
|
SZF2002 Fiches technique(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002 Fiches technique(HTML) 19 Page - NXP Semiconductors |
|
19 / 76 page ![]() 1998 Aug 26 19 Philips Semiconductors Product specification Low voltage 8-bit microcontroller with 6-kbyte embedded RAM SZF2002 Fig.9 Timer 2 in Capture mode. handbook, full pagewidth MGM136 TL2 (8 BITS) TH2 (8 BITS) RCAP2L RCAP2H EXF2 TF2 Timer 2 interrupt EXEN2 control transition detector T2EX PIN capture TR2 control C/T2 = 0 C/T2 = 1 T2 PIN 6 fclk Fig.10 Timer 2 in Auto-reload mode. handbook, full pagewidth MGM137 TL2 (8 BITS) TR2 control TH2 (8 BITS) RCAP2L RCAP2H EXF2 TF2 Timer 2 interrupt EXEN2 control C/T2 = 0 C/T2 = 1 T2 PIN 6 fclk transition detector T2EX PIN reload |