Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 43Page - NXP Semiconductors SZF2002 Datasheet HTML 44Page - NXP Semiconductors SZF2002 Datasheet HTML 45Page - NXP Semiconductors SZF2002 Datasheet HTML 46Page - NXP Semiconductors SZF2002 Datasheet HTML 47Page - NXP Semiconductors SZF2002 Datasheet HTML 48Page - NXP Semiconductors SZF2002 Datasheet HTML 49Page - NXP Semiconductors SZF2002 Datasheet HTML 50Page - NXP Semiconductors SZF2002 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
1998 Aug 26
47
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Fig.25 Interrupt system.
handbook, full pagewidth
INTERRUPT
SOURCES
REGISTERS
PRIORITY
GLOBAL
ENABLE
X0
S1
X5
T0
T2
X6
X1
X2
X7
T1
X3
X8
SO
X4
ADC
IEN0/1
IP0/1
HIGH
LOW
MGD623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76