| Moteur de recherche de fiches techniques de composants électroniques |
|
SZF2002 Fiches technique(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002 Fiches technique(HTML) 40 Page - NXP Semiconductors |
|
40 / 76 page ![]() 1998 Aug 26 40 Philips Semiconductors Product specification Low voltage 8-bit microcontroller with 6-kbyte embedded RAM SZF2002 Fig.19 Serial port Mode 1. handbook, full pagewidth MGM145 START SHIFT DATA T1 TX CONTROL TX CLOCK SEND 16 serial port interrupt 16 RX CLOCK R1 LOAD SBUF SHIFT RX CONTROL START sample INPUT SHIFT REGISTER (9-BITS) BIT DETECTOR S0 BUFFER INTERNAL BUS READ SBUF SHIFT LOAD SBUF S0 BUFFER ZERO DETECTOR SHIFT D CL S Q TB8 INTERNAL BUS write to SBUF RXD TXD HIGH-TO-LOW TRANSITION DETECTOR 0 SMOD TCLK0 1 0 1 0 1 2 Timer 1 overflow Timer 2 overflow RCLK0 |