Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZF2002 Fiches technique(PDF) 37 Page - NXP Semiconductors

No de pièce SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Fiches technique(HTML) 37 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors SZF2002 Datasheet HTML 37Page - NXP Semiconductors SZF2002 Datasheet HTML 38Page - NXP Semiconductors SZF2002 Datasheet HTML 39Page - NXP Semiconductors SZF2002 Datasheet HTML 40Page - NXP Semiconductors SZF2002 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
1998 Aug 26
37
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Fig.16 Timer 2 in Baud Rate Generator mode.
handbook, full pagewidth
MGM138
TL2
(8 BITS)
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
TIMER 2 interrupt
(additional external interrupt)
16
RTCLK
RELOAD
CLK
UART receive/
transmit clock
SMOD
10
1
0
2
TIMER 1
overflow
EXEN2
control
transition
detector
T2EX PIN
TR2
control
C/T2 = 0
C/T2 = 1
T2 PIN
fclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76